Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-2022PCB Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DF1B-2022PCB
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1B-2022PCB Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DF1B-2022PCB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
B186
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
sOrdering Information
KConnector
KSocket ID Contact
DF1B
- * S 2.5 RC
q
w
et
r
DF1B - R 24 F A
q
e r
w
q Series Name
: DF 1B
w Number of Contacts
Single Row : 2 to 16, 18, 20
Double Row : 4 to 30, 34, 40
e Connector Type
S
: Single row socket
DS
: Double row socket
P
: Single row pin header
DP
: Double row pin header
ES
: Single row in-line socket
DES
: Double row in-line socket
EP
: Single row in-line plug
DEP
: Double row in-line plug
r Contact Pitch: 2.5mm
t Contact Type
RC
: ID/crimping socket (Note)
DSA : Straight through hole
DS
: Right angle through hole
Note: The single row socket DF1B-*S-2.5R
only adds "R" to the tail, which has
the same meaning as "RC".
q 1. Connection Type
R
: ID
w Applicable Cable Size
24 : AWG24
26 : AWG26
28 : AWG28
e Packaging Type
Blank : Bag
F
: Reel
r Plating Type
Blank : Tin plated
A
: Gold plated
KPlug ID Contact
DF1B - 24 P R F
q
e
r
w
q Applicable Cable Size
24 : AWG24
26 : AWG26
28 : AWG28
w Connector Type
P
: Plug
e Connection Type
R
: ID
r Packaging Type
Blank : Bag
F
: Reel
KCrimping Contact
DF1B - 2428 SCF A
q
w
e
q Applicable Cable Size
2022 : AWG20 to 22
2428 : AWG24 to 28
28
: AWG30
w Packaging Type
SCF : Socket Contact/Reel
SC
: Socket Contact/Bag
PCF : Plug Contact/Reel
PC
: Plug Contact/Bag
e Plating Type
Blank : Tin plating
A
: Gold plated
B
: Gold plated (Note)
Note: In case of the socket contact,
"A" is attached to the tail of
the product name. In case of
the plug contact, "B" is
attached thereto.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com