Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-2022PCB Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # DF1B-2022PCB
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1B-2022PCB Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button DF1B-2022PCB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DF1B-2022PCB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
B192
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
sDouble Row Right Angle Pin Header
K Board Through-hole Diameter:Ø1.1+0+0.1
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center area at one point, which is
different from the above figure.
Unit: mm
Part Number
DF1BZ- 4DP-2.5DS
DF1BZ- 6DP-2.5DS
DF1BZ- 8DP-2.5DS
DF1BZ-10DP-2.5DS
DF1BZ-12DP-2.5DS
DF1BZ-14DP-2.5DS
DF1BZ-16DP-2.5DS
DF1BZ-18DP-2.5DS
DF1BZ-20DP-2.5DS
DF1BZ-22DP-2.5DS
DF1BZ-24DP-2.5DS
DF1BZ-26DP-2.5DS
DF1BZ-28DP-2.5DS
DF1BZ-30DP-2.5DS
DF1BZ-34DP-2.5DS
DF1BZ-36DP-2.5DS
DF1BZ-40DP-2.5DS
Tin plated
Gold plated
CL No.
541-2051-9
541-2052-1
541-2053-4
541-2054-7
541-2055-0
541-2056-2
541-2057-5
541-2058-8
541-2059-0
541-2060-0
541-2061-2
541-2062-5
541-2063-8
541-2064-0
541-2065-3
541-2066-6
541-2067-9
Part Number
DF1B- 4DP-2.5DS(01)
DF1B- 6DP-2.5DS(01)
DF1B- 8DP-2.5DS(01)
DF1B-10DP-2.5DS(01)
DF1B-12DP-2.5DS(01)
DF1B-14DP-2.5DS(01)
DF1B-16DP-2.5DS(01)
DF1B-18DP-2.5DS(01)
DF1B-20DP-2.5DS(01)
DF1B-22DP-2.5DS(01)
DF1B-24DP-2.5DS(01)
DF1B-26DP-2.5DS(01)
DF1B-28DP-2.5DS(01)
DF1B-30DP-2.5DS(01)
DF1B-34DP-2.5DS(01)
DF1B-36DP-2.5DS(01)
DF1B-40DP-2.5DS(01)
CL No.
541-0654-3-01
541-0655-6-01
541-0656-9-01
541-0632-0-01
541-0633-3-01
541-0634-6-01
541-0635-9-01
541-0636-1-01
541-0637-4-01
541-0638-7-01
541-0639-0-01
541-0640-9-01
541-0641-1-01
541-0642-4-01
541-0644-0-01
541-0645-2-01
541-0647-8-01
Number of Contacts
4
6
8
10
12
14
16
18
20
22
24
26
28
30
34
36
40
B
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
42.5
47.5
A
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
47.5
52.5
RoHS
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com