Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4941-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADA4941-1
Rev. C | Page 13 of 24
100
1
1
100M
FREQUENCY (Hz)
10
10
100
1k
10k
100k
1M
10M
Figure 35. Differential Output Voltage Noise vs. Frequency
2.65
2.35
–40
125
TEMPERATURE (°C)
VS = ±5V
VS = +5V
VS = +3V
2.60
2.55
2.50
2.45
2.40
–25
–10
5
20
35
50
65
80
95
110
Figure 36. Input Bias Current vs. Temperature for Various Supplies
3.3
2.7
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
3.2
3.1
3.0
2.9
2.8
REFERENCE IBIAS = 5V
REFERENCE IBIAS = 3V
REFERENCE IBIAS = 10V
Figure 37. REF Input Bias Current vs. Temperature
28
0
1
1M
FREQUENCY (Hz)
26
24
22
20
18
16
14
12
10
8
6
4
2
10
100
1k
10k
100k
Figure 38. Input Current Noise vs. Frequency
3.5
1.5
–0.5
10.0
INPUT VOLTAGE WITH RESPECT TO VS– (V)
3.0
2.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
VS = ±5V
VS = +5V
VS = +3V
Figure 39. Input Bias Current vs. Input Voltage
4.0
2.0
0
10.0
REFERENCE INPUT VOLTAGE WITH RESPECT TO VS– (V)
3.5
3.0
2.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
VS = ±5V
VREF = VIN
VS = +5V
VS = +3V
Figure 40. REF Input Bias Current vs. REF Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com