Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4941-1YRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 21Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 22Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 23Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADA4941-1
Rev. C | Page 21 of 24
ADDING A 3-POLE, SALLEN-KEY FILTER
The noninverting amplifier in the ADA4941-1 can be used as
the buffer amplifier of a Sallen-Key filter. A 3-pole, low-pass
filter can be designed to limit the signal bandwidth in front of
an ADC. The input signal first passes through the noninverting
stage where it is filtered. The filtered signal is then passed through
the inverting stage to obtain the complementary output.
Figure 54 illustrates a 3-pole, Sallen-Key, low-pass filter with a
−3 dB cutoff frequency of 100 kHz. The 1.69 kΩ resistor is
included to minimize dc errors due to the input offset current
in A1. The passive RC filters on the outputs are generally
required by the ADC converter that is being driven. The
frequency response of the filter is shown in Figure 55.
1k
Ω
1k
Ω
500
Ω
A2
A1
REF
IN
2
8
4
2.7nF
5
FB
+5V
–5V
560pF
VS+
VS–
OUT+
+
–
VO, dm
1
3
OUT–
VIN
562
Ω
562
Ω
562
Ω
1.69k
Ω
33
Ω
33
Ω
6
0.1µF
0.1µF
2.7nF
3.9nF
10nF
Figure 54. Sallen-Key, Low-Pass Filter with 100 kHz Cutoff Frequency
0
–100
10
100M
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
100
1k
10k
100k
1M
10M
VO, dm = 3V p-p
Figure 55. Frequency Response of the Circuit Shown in Figure 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com