Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4941-1YRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 21Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 22Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 23Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADA4941-1
Rev. C | Page 22 of 24
DRIVING THE AD7687 ADC
The ADA4941-1 is an excellent driver for high resolution
ADCs, such as the AD7687, as shown in Figure 56. The Sallen-
Key, low-pass filter shown in Figure 54 is included in this
example but is not required. The circuit shown in Figure 56
accepts single-ended input signals that swing between 0 V and 3 V.
The ADR443 provides a stable, low noise, 3 V reference that is
buffered by one of the AD8032 amplifiers and applied to the
AD7687 REF input, providing a differential input full-scale level
of 6 V. The reference voltage is also divided by two and buffered
to supply the midsupply REF level of 1.5 V for the ADA4941-1.
GAIN OF −2 CONFIGURATION
The ADA4941-1 can be operated in a configuration referred
to as gain of −2. Clearly, a gain of −2 can be achieved by
simply swapping the outputs of a gain of +2 circuit, but the
configuration described here is different. The configuration is
referred to as having negative gain to emphasize that the input
amplifier, A1, is operated as an inverting amplifier instead of in
its usual noninverting mode. As implied in its name, the voltage
gain from VIN to VO, dm is −2 V/V. See Figure 57 for the gain
of −2 configuration on ±5 V supplies.
The gain of −2 configuration is most useful in applications that
have wide input swings because the input common-mode
voltages are held at constant levels. The signal size is therefore
constrained by the output swing limits. The gain of −2 has a low
input resistance that is equal to RG.
1k
Ω
1k
Ω
GND
500
Ω
A2
A1
ADA4941-1
REF
IN
IN+
IN–
2
8
4
2.7nF
5
FB
+5V
+5V
–5V
560pF
VS+
VS–
OUT+
1
3
OUT–
VIN
VIN
0V TO 3V
VOUT
562
Ω
562
Ω
562
Ω
1.69k
Ω
33
Ω
33
Ω
6
0.1µF
0.1µF
10µF
2.7nF
3.9nF
10nF
1/2
AD8032
ADR443
4
8
1
4
0.1µF
0.1µF
3
3
4
2
6
2
1/2
AD8032
AD7687
7
5
6
+5V
1k
Ω
1k
Ω
10µF
10µF
0.1µF
0.1µF
VDD
GND
5
REF
1
2
Figure 56. ADA4941-1 Driving the AD7687 ADC
1k
Ω
1k
Ω
RF
1k
Ω
RG
1k
Ω
500
Ω
500
Ω
A2
A1
REF
IN
2
8
4
5
FB
+5V
–5V
VS+
VS–
OUT+
1
3
6
OUT–
VIN
+
–
VO, dm
Figure 57. Gain of −2 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com