Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM360BCPZ128-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADuCM360BCPZ128-R7
Description  Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM360BCPZ128-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADuCM360BCPZ128-R7 Datasheet HTML 16Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 17Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 18Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 19Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 20Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 21Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 22Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 23Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADuCM360/ADuCM361
Rev. B | Page 21 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
60
50
40
30
20
10
0
–10
0.5
1.0
1.5
COMMON-MODE VOLTAGE (V)
2.0
2.5
3.0
3.5
0
–20
–30
IP
IP – IN
IN
Figure 9. Input Current vs. Common-Mode Voltage (VCM),
Gain = 4, ADC Input = 250 mV, AVDD = 3.6 V, TA = 25°C,
VCM = ((AIN+) + (AIN−))/2
5
4
3
2
1
0
–1
–2
–3
0.5
1.0
1.5
COMMON-MODE VOLTAGE (V)
2.0
2.5
3.0
3.5
0
–4
–5
IP
IP – IN
IN
Figure 10. Input Current vs. Common-Mode Voltage (VCM),
Gain = 128, ADC Input = 7.8125 mV, AVDD = 3.6 V, TA = 25°C,
VCM = ((AIN+) + (AIN−))/2
–40
–20
0
20
14000000
12000000
10000000
8000000
6000000
4000000
2000000
40
TEMPERATURE (°C)
60
80
100
120
Figure 11. ADC Codes (Decimal Values) vs. Die Temperature
0
50
100
150
200
250
0
200
400
600
800
1000
1200
CAPACITANCE (nF)
BOOST = 0
BOOST = 30
Figure 12. VBIAS Output Settling Time vs. Load Capacitance,
TA = 25°C, IOVDD and AVDD = 3.3 V
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOLTAGE (V)
Figure 13. Digital Input Pin Pull-Up Resistance Value vs. Voltage Applied
to Digital Pin, TA = 25°C, IOVDD = 3.4 V
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
VOLTAGE (V)
Figure 14. Digital Input Pin Pull-Up Resistance Value vs. Voltage Applied
to Digital Pin, TA = 25°C, IOVDD = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com