Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM360BCPZ128-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADuCM360BCPZ128-R7
Description  Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM360BCPZ128-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADuCM360BCPZ128-R7 Datasheet HTML 16Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 17Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 18Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 19Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 20Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 21Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 22Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 23Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADuCM360/ADuCM361
Rev. B | Page 23 of 24
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
7.00
BSC SQ
48
13
24
25
36
37
12
EXPOSED
PAD
PIN 1
INDICATOR
5.20
5.10 SQ
5.00
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.25 MIN
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
Figure 16. 48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
7 mm × 7 mm Body, Very Very Thin Quad
(CP-48-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
ADCs
Flash/SRAM
Temperature Range
Package Description
Package
Option
Ordering
Quantity
ADuCM360BCPZ128
Dual 24-Bit
128 kB/8 kB
−40°C to +125°C
48-Lead LFCSP_WQ
CP-48-4
ADuCM360BCPZ128-R7
Dual 24-Bit
128 kB/8 kB
−40°C to +125°C
48-Lead LFCSP_WQ
CP-48-4
750
ADuCM361BCPZ128
Single 24-Bit
128 kB/8 kB
−40°C to +125°C
48-Lead LFCSP_WQ
CP-48-4
ADuCM361BCPZ128-R7
Single 24-Bit
128 kB/8 kB
−40°C to +125°C
48-Lead LFCSP_WQ
CP-48-4
750
EVAL-ADuCM360QSPZ
ADuCM360 QuickStart Plus
Development System
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com