Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM360BCPZ128-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADuCM360BCPZ128-R7
Description  Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM360BCPZ128-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADuCM360BCPZ128-R7 Datasheet HTML 16Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 17Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 18Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 19Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 20Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 21Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 22Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 23Page - Analog Devices ADuCM360BCPZ128-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADuCM360/ADuCM361
Data Sheet
Rev. B | Page 22 of 24
TYPICAL SYSTEM CONFIGURATION
Figure 15 shows a typical ADuCM360/ADuCM361 configuration. This figure illustrates some of the hardware considerations. The bottom
of the LFCSP package has an exposed pad that must be soldered to a metal plate on the PCB for mechanical reasons and to DGND. The
metal plate of the PCB can be connected to ground. The 0.47 µF capacitor on the AVDD_REG and DVDD_REG pins should be placed
as close to the pins as possible. In noisy environments, an additional 1 nF capacitor can be added to IOVDD and AVDD.
1
2
3
P0.7/POR/SOUT
P0.6/IRQ2/SIN
P0.5/CTS/IRQ1
4
P0.4/RTS/ECLKO
5
P0.3/IRQ0/CS1
6
P0.2/MOSI1/SDA/SOUT
7
P0.1/SCLK1/SCL/SIN
24
23
22
21
20
19
18
17
16
AGND
12pF
12pF
15
VREF–
14
VREF+
13
GND_SW
44
45
46
47
48
43
42
41
40
P1.2/PWM0/RI
39
P1.1/IRQ4/PWMTRIP/DTR
38
P1.0/IRQ3/PWMSYNC/EXTCLK
37
IOVDD
ADuCM360
25
AIN4/IEXC
26
AIN3
27
AIN2
28
AIN1
29
AIN0
30
DVDD_REG
DVDD
DGND
31
IOVDD
32
XTALI
33
XTALO
34
P2.2/BM
35
P2.1/SDA/UARTDCD
36
RESET
RESET
RESET
RESET
8
P0.0/MISO1
9
AIN11/VBIAS1
10
AIN10
11
AIN9/DACBUFF+
12
AIN8/EXTREF2IN–
0.47µF
0.47µF
0.1µF
150kΩ
GND
DGND
SWIO
TX
SWCLK
RX
5V USB
SWDIO
SWCLK
DVDD
DGND
DGND
0.1µF
AVDD
0.47µF
0.1µF
0.1µF
1µF
0.1µF
560Ω
1.6Ω
IN
OUT
EN
GND
DGND
DGND
DGND
AVDD
DVDD
AGND
AGND AGND
4.7µF
4.7µF
ADP1720ARMZ-3.3
Figure 15. Typical System Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com