Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40PUR Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST1CC40PUR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40PUR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST1CC40PUR Datasheet HTML 21Page - STMicroelectronics ST1CC40PUR Datasheet HTML 22Page - STMicroelectronics ST1CC40PUR Datasheet HTML 23Page - STMicroelectronics ST1CC40PUR Datasheet HTML 24Page - STMicroelectronics ST1CC40PUR Datasheet HTML 25Page - STMicroelectronics ST1CC40PUR Datasheet HTML 26Page - STMicroelectronics ST1CC40PUR Datasheet HTML 27Page - STMicroelectronics ST1CC40PUR Datasheet HTML 28Page - STMicroelectronics ST1CC40PUR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID18279 Rev 5
25/37
ST1CC40
Application information
37
Switching losses due to turning ON and OFF. These are derived using Equation 29:
Equation 29
where TRISE and TFALL represent the switching times of the power element that causes the
switching losses when driving an inductive load (see Figure 14). TSW is the equivalent
switching time.
Figure 14. Switching losses
Quiescent current losses.
Equation 30
Example (see Section : Example):
VIN = 12 V, VFW_LED = 3.5 V, nLED = 2, ILED = 700 mA
The typical output voltage is:
Equation 31
RDSON_HS has a typical value of 95 m and RDS(on)_LS is 69 m at 25 °C.
For the calculation we can estimate RDS(on)_HS = 140 m and RDS(on)_LS = 100 mas
a consequence of TJ increase during the operation.
TSW_EQ is approximately 12 ns.
IQ has a typical value of 1.5 mA at VIN = 12 V.
PSW
VIN IOUT
TRISE TFALL
+

2
----------------------------------------- FSW VIN
=
IOUT TSW_EQ FSW

=
AM14826v1
PQ
VIN IQ
=
VOUT
nLED VFW_LED VFB
+
7,1V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com