Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40PUR Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST1CC40PUR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40PUR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST1CC40PUR Datasheet HTML 23Page - STMicroelectronics ST1CC40PUR Datasheet HTML 24Page - STMicroelectronics ST1CC40PUR Datasheet HTML 25Page - STMicroelectronics ST1CC40PUR Datasheet HTML 26Page - STMicroelectronics ST1CC40PUR Datasheet HTML 27Page - STMicroelectronics ST1CC40PUR Datasheet HTML 28Page - STMicroelectronics ST1CC40PUR Datasheet HTML 29Page - STMicroelectronics ST1CC40PUR Datasheet HTML 30Page - STMicroelectronics ST1CC40PUR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DocID18279 Rev 5
27/37
ST1CC40
Application information
37
The pulse-by-pulse current limitation is effective in implementing constant current protection
when:
Equation 38
From Equation 36 and Equation 37 we can gather that the implementation of the constant
current protection becomes more critical the lower the VOUT is and the higher VIN is.
In fact, in short-circuit condition the voltage applied to the inductor during the off-time
becomes equal to the voltage drop across parasitic components (typically the DCR of the
inductor and the RDS(on) of the low-side switch) since VOUT is negligible, while during TON
the voltage applied at the inductor is maximized and it is approximately equal to VIN.
In general, the worst case scenario is heavy short-circuit at the output with maximum input
voltage. Equation 36 and Equation 37 in overcurrent conditions can be simplified to:
Equation 39
considering TON that has already been reduced to its minimum.
Equation 40
where TSW = 1 /FSW and considering the nominal FSW.
At higher input voltage,
I
L TON may be higher than IL TOFF and so the inductor current
may escalate. As a consequence, the system typically meets Equation 38 at a current level
higher than the nominal value thanks to the increased voltage drop across stray
components. In most of the application conditions the pulse-by-pulse current limitation is
effective to limit the inductor current. Whenever the current escalates, a second level current
protection called “Hiccup mode” is enabled. Hiccup protection offers an additional protection
against heavy short-circuit condition at very high input voltage even considering the spread
of the minimum conduction time of the power element. If the hiccup current level (6.2 A typ.)
is triggered, the switching activity is prevented for 12 cycles.
Figure 15 shows the operation of the constant current protection when a short-circuit is
applied at the output at the maximum input voltage.
IL TON
IL TOFF
=
DCR
R
I
V
IL TON
VIN DCRL RDS(on) HS
+
 I
–
L
------------------------------------------------------------------------- TON MIN

VIN
L
--------- 90ns

=
IL TOFF
DCRL RDS(on) LS
+

–
I
L
--------------------------------------------------------------- TSW 90ns
–

DCRL RDS(on) LS
+

–
I
L
--------------------------------------------------------------- 1,18
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com