Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40PUR Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST1CC40PUR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40PUR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST1CC40PUR Datasheet HTML 29Page - STMicroelectronics ST1CC40PUR Datasheet HTML 30Page - STMicroelectronics ST1CC40PUR Datasheet HTML 31Page - STMicroelectronics ST1CC40PUR Datasheet HTML 32Page - STMicroelectronics ST1CC40PUR Datasheet HTML 33Page - STMicroelectronics ST1CC40PUR Datasheet HTML 34Page - STMicroelectronics ST1CC40PUR Datasheet HTML 35Page - STMicroelectronics ST1CC40PUR Datasheet HTML 36Page - STMicroelectronics ST1CC40PUR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
ST1CC40
36/37
DocID18279 Rev 5
11
Revision history
Table 12. Document revision history
Date
Revision
Changes
04-Mar-2011
1
Initial release.
21-Jun-2011
2
Updated coverpage
18-Oct-2012
3
Pin 2 operation has been updated:
Figure 1 and Table 1 have been updated accordingly.
Figure 19 and Figure 20 have been added.
Minor text changes to improve the readability.
Status promoted from preliminary to production data.
04-Mar-2013
4
Updated Table 9: VFQFPN8 (4 x 4 x 1.08 mm) package mechanical
data and Section 7.1.2: Inductor and output capacitor selection.
Minor text changes to improve the readability.
18-Jun-2013
5
Unified package names in the whole document.
Updated Table 2 (changed “operating junction temperature range”
from -40 to 125 °C to -40 to 150 °C).
Updated Table 4 (updated data of IQST-BY symbol).
Updated Section 7.2 (replaced VCC by VINA).
Updated Section 9 (reversed order of Figure 27 and Table 9,
Figure 28 and Table 10, minor modifications).
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com