Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40DR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1CC40DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40DR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1CC40DR Datasheet HTML 2Page - STMicroelectronics ST1CC40DR Datasheet HTML 3Page - STMicroelectronics ST1CC40DR Datasheet HTML 4Page - STMicroelectronics ST1CC40DR Datasheet HTML 5Page - STMicroelectronics ST1CC40DR Datasheet HTML 6Page - STMicroelectronics ST1CC40DR Datasheet HTML 7Page - STMicroelectronics ST1CC40DR Datasheet HTML 8Page - STMicroelectronics ST1CC40DR Datasheet HTML 9Page - STMicroelectronics ST1CC40DR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin settings
ST1CC40
6/37
DocID18279 Rev 5
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
No.
Type
Description
VFQFPN8
S08-BW
13
VINA
Analog circuitry power supply connection
24
INH
Inhibit input pin. Low signal level disables the device. Leave
this pin floating if not used
35
FB
Feedback input. Connect a proper sensing resistor to set the
LED current
4
6
AGND
Analog circuitry ground connection
5
-
NC
Not connected
68
VINSW
Power input voltage
7
1
SW
Regulator switching pin
8
2
PGND
Power ground
-
7
GND
Connect to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com