Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40DR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1CC40DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40DR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1CC40DR Datasheet HTML 7Page - STMicroelectronics ST1CC40DR Datasheet HTML 8Page - STMicroelectronics ST1CC40DR Datasheet HTML 9Page - STMicroelectronics ST1CC40DR Datasheet HTML 10Page - STMicroelectronics ST1CC40DR Datasheet HTML 11Page - STMicroelectronics ST1CC40DR Datasheet HTML 12Page - STMicroelectronics ST1CC40DR Datasheet HTML 13Page - STMicroelectronics ST1CC40DR Datasheet HTML 14Page - STMicroelectronics ST1CC40DR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID18279 Rev 5
11/37
ST1CC40
Functional description
37
The error amplifier output is compared with the inductor current sense information to
perform PWM control.
5.5
Inhibit
The inhibit block disables most of the circuitry when the INH input signal is low. The current
drawn from the input voltage is 6 µA typical in inhibit mode.
5.6
Thermal shutdown
The shutdown block generates a signal that disables the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150 ± 10 °C typical). The sensing
element of the chip is close to the PDMOS area, ensuring fast and accurate temperature
detection. A 15 °C typical hysteresis prevents the device from turning ON and OFF
continuously during the protection operation.
Table 5. Uncompensated error amplifier characteristics
Description
Value
Transconductance
250 µS
Low frequency gain
96 dB
CC
195 pF
RC
70 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com