Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40DR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1CC40DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40DR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1CC40DR Datasheet HTML 13Page - STMicroelectronics ST1CC40DR Datasheet HTML 14Page - STMicroelectronics ST1CC40DR Datasheet HTML 15Page - STMicroelectronics ST1CC40DR Datasheet HTML 16Page - STMicroelectronics ST1CC40DR Datasheet HTML 17Page - STMicroelectronics ST1CC40DR Datasheet HTML 18Page - STMicroelectronics ST1CC40DR Datasheet HTML 19Page - STMicroelectronics ST1CC40DR Datasheet HTML 20Page - STMicroelectronics ST1CC40DR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID18279 Rev 5
17/37
ST1CC40
Application notes
37
Accordingly, with Section 7.1.1 the sensing resistor value is:
Equation 15
Equation 16
The gain and phase margin Bode diagrams are plotted respectively in Figure 9 and
Figure 10.
Figure 9. Module plot
RS
100 mV
700 mA
--------------------- 140 m
=
LED nLED

RSENSE
nLED rLED RSENSE
+
----------------------------------------------------------
=
140 m
21,1
140 m
+
-------------------------------------------------
0,06
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com