Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-3.3-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP150ACBZ-3.3-R7
Description  Setting Up the Evaluation Board for the ADP150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-3.3-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP150ACBZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-054
Evaluation Board User Guide
Rev. 0 | Page 4 of 8
OUTPUT VOLTAGE MEASUREMENTS
VOLTMETER
VOLTAGE SOURCE
LOAD
Figure 5. Output Voltage Measurement Setup, TSOT
VOLTAGE SOURCE
VOLTMETER
LOAD
Figure 6. Output Voltage Measurement Setup, WLCSP
Figure 5 and Figure 6 show how the evaluation board can be
connected to a voltage source and a voltage meter for basic out-
put voltage accuracy measurements. A resistor can be used as
the load for the regulator. Ensure that the resistor has a power
rating that is adequate to handle the power that is expected to
be dissipated across it. An electronic load can also be used as
an alternative. Ensure that the voltage source can supply enough
current for the expected load levels.
Follow these steps to connect to a voltage source and voltage meter:
1.
Connect the negative terminal (−) of the voltage source to
one of the GND pads on the evaluation board.
2.
Connect the positive terminal (+) of the voltage source to
the VIN pad of the evaluation board.
3.
Connect a load between the VOUT pad and one of the
GND pads.
4.
Connect the negative terminal (−) of the voltage meter to
one of the GND pads.
5.
Connect the positive terminal (+) of the voltage meter to
the VOUT pad.
When these steps are completed, the voltage source can be
turned on. If J1 is inserted (connecting EN to VIN for auto-
matic startup), the regulator powers up.
If the load current is large, the user must connect the voltage
meter as close as possible to the output capacitor to reduce the
effects of IR drops.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com