Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-3.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP150ACBZ-3.3-R7
Description  Setting Up the Evaluation Board for the ADP150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-3.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP150ACBZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Evaluation Board User Guide
UG-054
Rev. 0 | Page 5 of 8
3.288
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
LINE REGULATION MEASUREMENTS
For line regulation measurements, the output of the regulator
is monitored while its input is varied. For good line regulation,
the output must change as little as possible with varying input
levels. To ensure that the device is not in dropout mode during
this measurement, VIN must be varied between VOUTNOM + 0.4 V
(or 2.2 V, whichever is greater) and VINMAX.
For example, for an ADP150 with a fixed 3.3 V output, VIN
must be varied between 3.7 V and 5.5 V. This measurement
can be repeated under different load conditions. Figure 7
shows the typical line regulation performance of an ADP150
with a fixed 3.3 V output.
3.300
3.290
3.292
3.294
3.296
3.298
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 150mA
IOUT = 50mA
IOUT = 100mA
Figure 7. Output Voltage (VOUT) vs. Input Voltage (VIN) at TA = 25°C
LOAD REGULATION MEASUREMENTS
For load regulation measurements, the output of the regulator
is monitored while the load is varied. For good load regulation,
the output must change as little as possible with varying load.
The input voltage must be held constant during this measure-
ment. The load current can be varied from 0 mA to 150 mA.
Figure 8 shows the typical load regulation performance of an
ADP150 with a fixed 3.3 V output for an input voltage of 3.7 V.
3.298
3.291
3.292
3.293
3.294
3.295
3.296
3.297
3.290
0.01
1000
100
10
1
0.1
IOUT (mA)
Figure 8. Output Voltage (VOUT) vs. Load Current (IOUT) at VIN = 3.7 V,
VOUT = 3.3 V, TA = 25°C
DROPOUT VOLTAGE MEASUREMENTS
Dropout voltage can be measured using the configurations
shown in Figure 5 and Figure 6. Dropout voltage is defined as
the input-to-output voltage differential when the input voltage
is set to the nominal output voltage. This applies only to output
voltages above 2.2 V. Dropout voltage increases with larger loads.
For more accurate measurements, a second voltage meter can
be used to monitor the input voltage across the input capacitor.
The input supply voltage may need to be adjusted to account
for IR drops, especially if large load currents are used. Figure 9
shows the typical curve of dropout voltage measurements with
different load currents.
80
70
60
50
40
30
20
10
0
1
10
100
1000
IOUT (mA)
Figure 9. Dropout Voltage vs. Load Current (IOUT) at VOUT = 3.3 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com