Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-3.3-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP150ACBZ-3.3-R7
Description  Setting Up the Evaluation Board for the ADP150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-3.3-R7 Datasheet(HTML) 8 Page - Analog Devices

  ADP150ACBZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UG-054
Evaluation Board User Guide
Rev. 0 | Page 8 of 8
Evaluation boards are only intended for device evaluation and not for production purposes. Evaluation boards are supplied “as is” and without warranties of any kind, express,
implied, or statutory including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. No license is granted by implication or otherwise under
any patents or other intellectual property by application or use of evaluation boards. Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Analog Devices reserves the
right to change devices or specifications at any time without notice. Trademarks and registered trademarks are the property of their respective owners. Evaluation boards are not
authorized to be used in life support devices or systems.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
UG08518-0-1/10(0)
ORDERING INFORMATION
BILL OF MATERIALS
Table 2.
Reference Designator
Description
Manufacturer
Part No.
C2, C4
Capacitor, MLCC, 1 μF, 16 V, 0603, X5R
Murata (or equivalent)
GRM188R61C105KA93
J1
Jumper, single, STR, two pins
Sullins Connector Solutions
PEC02SAAN
U1
IC, LDO regulator
Analog Devices, Inc.
ADP150ACBZ-3.3-R7 (WLCSP)
ADP150AUJZ-3.3-R7 (TSOT)
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com