Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002FUG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3ICS1002FUG
Description  UCODE G2XM and G2XL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3ICS1002FUG Datasheet HTML 1Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 2Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 3Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 4Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 5Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 6Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 7Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 8Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
2 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
2.
Features and benefits
2.1 Key features
512-bit user memory (G2XM only)
240-bit of EPC memory
64-bit tag identifier (TID) including 32-bit unique serial number
Memory read protection
EAS (Electronic Article Surveillance) command
Calibrate command
32-bit kill password to permanently disable the tag
32-bit access password to allow a transition into the secured transmission state
Broad international operating frequency: from 840 MHz to 960 MHz
Long read/write ranges due to extremely low power design
Reliable operation of multiple tags due to advanced anti-collision
Forward link: 40-160 kbit/s
Return link: 40-640 kbit/s
2.2 Key benefits
High sensitivity provides long read range
Low Q-factor for consistent performance on different materials
Improved interference suppression for reliable operation in multi-reader environment
Large input capacitance for ease of assembly and high assembly yield
Highly advanced anti-collision resulting in highest identification speed
Reliable and robust RFID technology suitable for dense reader and noisy
environments
2.3 Custom commands
EAS Alarm
Enables the UHF RFID tag to be used as EAS tag without the need for a backend data
base.
Read Protect
Protects all memory content including CRC16 from unauthorized reading.
Calibrate
Activates permanent back-scatter in order to evaluate the tag-to-reader performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com