Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002FUG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL3ICS1002FUG
Description  UCODE G2XM and G2XL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG Datasheet(HTML) 1 Page - NXP Semiconductors

  SL3ICS1002FUG Datasheet HTML 1Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 2Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 3Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 4Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 5Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 6Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 7Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 8Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1.
General description
The UHF EPCglobal Generation 2 standard allows the commercialized provision of mass
adoption of UHF RFID technology for passive smart tags and labels. Main fields of
applications are supply chain management and logistics for worldwide use with special
consideration of European, US and Chinese frequencies to ensure that operating
distances of several meters can be realized.
The G2X is a dedicated chip for passive, intelligent tags and labels supporting the
EPCglobal Class 1 Generation 2 UHF RFID standard. It is especially suited for
applications where operating distances of several meters and high anti-collision rates are
required.
The G2X is a product out of the NXP Semiconductors UCODE product family. The entire
UCODE product family offers anti-collision and collision arbitration functionality. This
allows a reader to simultaneously operate multiple labels / tags within its antenna field.
A UCODE G2X based label/ tag requires no external power supply.
Its contact-less interface generates the power supply via the antenna circuit by
propagative energy transmission from the interrogator (reader), while the system clock is
generated by an on-chip oscillator. Data transmitted from interrogator to label/tag is
demodulated by the interface, and it also modulates the interrogator’s electromagnetic
field for data transmission from label/tag to interrogator. A label/tag can be operated
without the need for line of sight or battery, as long as it is connected to a dedicated
antenna for the targeted frequency range. When the label/tag is within the interrogator’s
operating range, the high-speed wireless interface allows data transmission in both
directions.
In addition to the EPC specifications the G2X offers an integrated EAS (Electronic Article
Surveillance) feature and read protection of the memory content. On top of the
specification of the G2XL the G2XM offers 512-bit of user memory.
SL3ICS1002/1202
UCODE G2XM and G2XL
Rev. 3.7 — 9 October 2012
139037
Product data sheet
COMPANY PUBLIC


Similar Part No. - SL3ICS1002FUG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS1002FUG-V7AF NXP-SL3ICS1002FUG-V7AF Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
More results

Similar Description - SL3ICS1002FUG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
UCODE HSL
October 2003
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1003_1013 NXP-SL3S1003_1013 Datasheet
442Kb / 43P
UCODE G2iM and G2iM
Rev. 3.7-21 May 2015
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
UCODE HSL
Rev. 3.1-9 July 2012
SL3S1003 NXP-SL3S1003 Datasheet
396Kb / 48P
UCODE G2iM and G2iM
Rev. 3.8-5 February 2019
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
UCODE I2C
Rev.3.5-18 September 2018
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com