Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002FUG Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SL3ICS1002FUG
Description  UCODE G2XM and G2XL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SL3ICS1002FUG Datasheet HTML 8Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 9Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 10Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 11Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 12Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 13Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 14Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 15Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
12 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
9.
Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any conditions other
than those described in the Operating Conditions and Electrical Characteristics section of this specification
is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the
damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be
taken to avoid applying greater than the rated maxima.
[3]
For ESD measurement, the die chip has been mounted into a CDIP20 package.
Table 7.
Limiting values[1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134)
Voltages are referenced to RFN
Symbol
Parameter
Conditions
Min
Max
Unit
Die
Tstg
storage temperature range
-55
+125
C
Toper
operating temperature
-40
+85
C
VESD
electrostatic discharge voltage
Human body model
[3]
-
 2kV
TSSOP8, SOT1122
Tstg
storage temperature range
-55
+125
C
Ptot
total power dissipation
-
30
mW
Toper
operating temperature
-40
+85
C
VESD
electrostatic discharge voltage
Human body model
-
 2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com