Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMT Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT24C128CSSUMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMT Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT24C128CSSUMT Datasheet HTML 10Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 11Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 12Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 13Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 14Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 15Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 16Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 17Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
11.
Part Markings
DRAWING NO.
REV.
TITLE
24C128CSM
D
9/19/12
24C128CSM, AT24C128C Standard Package Marking Information
Package Mark Contact:
DL-CSO-Assy_eng@atmel.com
AAAAAAAA
2DC%
@
ATMLHYWW
8-lead SOIC
8-lead TSSOP
AAAAAAA
2DC% @
ATHYWW
2DC
YXX
8-lead XDFN
8-lead UDFN
###
HM@
YXX
2.0 x 3.0 mm Body
1.8 x 2.2 mm Body
Note 2: Package drawings are not to scale
Note 1:
designates pin 1
AT24C128C: Package Marking Information
2DCU
@YMXX
2.35 x 3.73 mm Body
8-ball VFBGA
Catalog Number Truncation
AT24C128C
Truncation Code ###: 2DC
Date Codes
Voltages
Y = Year
M = Month
WW = Work Week of Assembly
% = Minimum Voltage
2: 2012
6: 2016
A: January
02: Week 2
M:
1.7V min
3: 2013
7: 2017
B: February
04: Week 4
4: 2014
8: 2018
...
...
5: 2015
9: 2019
L:
December
52: Week 52
Country of Assembly
Lot Number
Grade/Lead Finish Material
@ = Country of Assembly
AAA...A = Atmel Wafer Lot Number
U:
Industrial/Matte Tin
H:
Industrial/NiPdAu
Trace Code
Atmel Truncation
XX = Trace Code (Atmel Lot Numbers Correspond to Code)
AT:
Atmel
Example: AA, AB.... YZ, ZZ
ATM:
Atmel
ATML:
Atmel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com