Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C128CSSUMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C128CSSUMT Datasheet HTML 1Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 2Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 3Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 4Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 5Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
1.
Pin Configurations and Pinouts
Table 1-1.
Pin Configuration
2.
Absolute Maximum Ratings*
Pin
Function
A0
Address Input
A1
Address Input
A2
Address Input
GND
Ground
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
VCC
Device Power Supply
8-pad UDFN/XDFN
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-ball VFBGA
Bottom View
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-lead SOIC
VCC
WP
SCL
SDA
8-lead TSSOP
Top View
Top View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
Top View
A0
A1
A2
GND
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
Operating Temperature . . . . . . . . . . .−55°C to +125°C
Storage Temperature . . . . . . . . . . . −65°C to + 150°C
Voltage on any pin
with respect to ground . . . . . . . . . . . . . . − 1.0 V +7.0V
Maximum Operating Voltage . . . . . . . . . . . . . . . 6.25V
DC Output Current. . . . . . . . . . . . . . . . . . . . . . . 5.0mA
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions beyond those
indicated in the operational sections of this
specification are not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com