Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMT Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C128CSSUMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMT Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C128CSSUMT Datasheet HTML 1Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 2Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 3Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 4Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 5Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSUMT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
3.
Block Diagram
4.
Pin Descriptions
Serial Clock (SCL): The SCL input is used to positive-edge clock data into each EEPROM device and negative-edge
clock data out of each device.
Serial Data (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device Addresses (A2, A1, A0): The A2, A1, and A0 pins are device address inputs that are hard wired (directly to GND
or to VCC) for compatibility with other Atmel AT24C devices. When the pins are hard wired, as many as eight 128K
devices may be addressed on a single bus system. (Device addressing is discussed in detail in Section 7. “Device
Addressing” on page 9). A device is selected when a corresponding hardware and software match is true. If these pins
are left floating, the A2, A1, and A0 pins will be internally pulled down to GND. However, due to capacitive coupling that
may appear during customer applications, Atmel recommends always connecting the address pins to a known state.
When using a pull-up resistor, Atmel recommends using 10k
 or less.
Write Protect (WP): The Write Protect input, when connected to GND, allows normal write operations. When WP is
connected directly to VCC, all write operations to the memory are inhibited. If the pin is left floating, the WP pin will be
internally pulled down to GND. However, due to capacitive coupling that may appear during customer applications, Atmel
recommends always connecting the WP pins to a known state. When using a pull-up resistor, Atmel recommends using
10k
 or less.
Table 4-1.
Write Protect
VCC
GND
WP
SCL
SDA
A
2
A
1
A
0
EN
EEPROM
D
OUT/ACK
LOGIC
COMP
LOAD
INC
Y DEC
R/W
D
OUT
D
IN
LOAD
Start
Stop
Logic
Serial
Control
Logic
H.V. Pump/Timing
Device
Address
Comparator
Data Word
Addr/Counter
Data Recovery
Serial MUX
WP Pin
Status
Part of the Array Protected
Atmel AT24C128C
At VCC
Full Array
At GND
Normal Read/Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com