Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVFK1K331M Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEVFK1K331M
Description  Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1K331M Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEVFK1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 6Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
at 20
EEVFK1V4R7R (35V4.7µF, ø
4x5.8)
EEVFK1V470P (35V47µF, ø6.3x5.8)
EEVFK1V221P (35V220µF, ø8x10.2)
EEVFK1V331P (35V330µF, ø10x10.2)
at 20
at 20
EEVFK1J4R7R (63V4.7µF, ø5x5.8)
EEVFK1J100P (63V10µF, ø6.3x5.8)
EEVFK1J330P (63V47µF, ø8x10.2)
EEVFK1J101P (63V100µF, ø10x10.2)
EEVFK1J471M (63V470µF, ø16x16.5)
EEVFK1C100R (16V10µF, ø4x5.8)
EEVFK1C220R (16V22µF, ø5x5.8)
EEVFK1C470P (16V47µF, ø6.3x5.8)
EEVFK1C221P (16V220µF, ø8x6.2)
EEVFK1C471P (16V470µF, ø8x10.2)
EEVFK1C681P (16V680µF, ø10x10.2)
EEVFK1C152Q (16V1500µF, ø12.5x13.5)
EEVFK1J681M (63V680µF, ø18x16.5)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
at 20
EEVFK1K3R3R (80V3.3µF, ø
5x5.8)
EEVFK1K4R7P (80V4.7µF, ø6.3x5.8)
EEVFK1K330P (80V33µF, ø8x10.2)
EEVFK1K470P (80V47µF, ø10x10.2)
EEVFK1K331M (80V330µF, ø16x16.5)
EEVFK1K471M (80V470µF, ø18x16.5)
■ Frequency Characteristics (ESR)
● 16WV
● 35WV
● 63WV
● 80WV
Aluminum Electrolytic Capacitors/FK Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com