Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVFK1K331M Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EEVFK1K331M
Description  Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1K331M Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EEVFK1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 6Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
■ Temperature Characteristics
-40
-30
-20
-10
0
10
20
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
)
0
1
2
3
4
5
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
)
EEVFK0J102P (6.3V1000µF, ø
8x10.2)
EEVFK1V221P (35V220µF, ø8x10.2)
EEVFK1J470P (63V33µF, ø8x10.2)
at 120Hz
at 120Hz
EEVFK0J102P (6.3V1000µF, ø
8x10.2)
EEVFK1V221P (35V220µF, ø8x10.2)
EEVFK1J470P (63V33µF, ø8x10.2)
-40
-30
-20
-10
0
10
20
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
)
0
1
2
3
4
5
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
)
EEVFK0J101R (6.3V100µF, ø
6.3x5.8)
EEVFK1C470P (16V47µF, ø6.3x5.8)
EEVFK1J100P (63V10µF, ø6.3x5.8)
at 120Hz
at 120Hz
EEVFK0J101R (6.3V100µF, ø
6.3x5.8)
EEVFK1C470P (16V47µF, ø6.3x5.8)
EEVFK1J100P (63V10µF, ø6.3x5.8)
EEVFK1K4R7P (80V4.7µF, ø6.3x5.8)
EEVFK1K4R7P (80V4.7µF, ø6.3x5.8)
EEVFK1K330P (80V33µF, ø8x10.2)
EEVFK1K330P (80V33µF, ø8x10.2)
● ø6.3 x 5.8
● ø8 x 10.2
Aluminum Electrolytic Capacitors/FK Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com