Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVFK1K331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVFK1K331M
Description  Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1K331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVFK1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 6Page - Panasonic Semiconductor EEVFK1K331M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-55 to +105°C
6.3 to 100V .DC
3.3 to 6800 µ F
±20 % (120Hz/+20°C)
I  0.01CVor 3(µA) After 2 minutes application of rated working voltage at +20°C. (Whichever is greater)
n
Dimensions in mm (not to scale)
n
Marking
( ) reference size
Surface Mount Type
n Features
Endurance: 2000 to 5000h at105°C
Low impedance (40 to 60% less than FCseries)
Miniaturization(30 to 50% less than FC series)
Vibration-proof product is available upon request.(f8 < )
n Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
tan d
Marking color : BLACK
Example.16V10µF
W.V. (V)
6.3
10
16
25
35
50
63
80
100
Z(-25°C) / Z(+20°C)
2
2
2
2
2
2
2
2
2
Z(-40 °C)/ Z(+20°C)
3
3
3
3
3
3
3
3
3
Z(-55°C)/ Z(+20°C)
4
4
4
3
3
3
3
3
3
(Impedance ratio
at 120 Hz)
After the life with DC rated working voltage at +105±2°C for 2000 hours ( dia.12.5 and suffix
post-test requirement at +20°C.
Characteristics
at Low Temperature
Please see the attached standard products list
Japan
<=
0.3 max
B~G=L±0.3
H~K=L±0.5
D
L
A,B H max. I
W
P
K
Size
code
-0.20 to +0.15
±0.20
±0.20
-0.20 to +0.15
-0.20 to +0.15
-0.20 to +0.15
B
C
D
D8
E
F
G
H13
J16
K16
-0.20 to +0.15
±0.30
±0.30
±0.30
W.V. code
A±0.2
w
4.0
5.0
6.3
6.3
8.0
8.0
10.0
12.5
16.0
18.0
5.8
5.8
5.8
7.7
6.2
10.2
10.2
13.5
16.5
16.5
4.3
5.3
6.6
6.6
8.3
8.3
10.3
13.5
17.0
19.0
5.5
6.5
7.8
7.8
9.5
10.0
12.0
15.0
19.0
21.0
1.8
2.2
2.6
2.6
3.4
3.4
3.5
4.7
5.5
6.7
0.65±0.1
0.65±0.1
0.65±0.1
0.65±0.1
0.65±0.1
0.90±0.2
0.90±0.2
0.90±0.3
1.20±0.3
1.20±0.3
1.0
1.5
1.8
1.8
2.2
3.1
4.6
4.4
6.7
6.7
0.35
0.35
0.35
0.35
0.35
0.70
0.70
0.70
0.70
0.70
FK
V
Series:
Type :
=
Country of Origin
>
=
Endurance
tan d
DC leakage current
 initial specified value
Shelf Life
Capacitance change
DC leakage current
After storage for 1000hours at +105±2 °C with no voltage applied and then being stabilized
at +20°C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
Resistance to
Soldering Heat
±10% of initial measured value
 initial specified value
 initial specified value
<=
<=
<=
<=
(µF)
C FK
10
W.V. code
Capacitance
Series
identification
Lot number
Negative polarity
marking
V
50
63
80
100
Code
H
J
K
2A
V
6.3
10
16
25
35
Code
j
A
C
E
V
FK
(>f12.5)
=
W.V. code
(µF)
Capacitance
Lot number
Series
identification
Negative polarity
marking
±30% of initial measured value (Suffix “G” is 35%)
200 % of initial specified value (Suffix “G” is 300%)
“
G” in dia.8 to 10mm are 5000 hours)the capacitors shall meet the limits specified below.
After reflow soldering ( Refer to the "Application Guide" for recommended temperature profile.)
Capacitance change
and then being stabilized at +20°C, capacitor shall meet the following limits.
D.F. tan d
Aluminum Electrolytic Capacitor/FK series
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.


Similar Part No. - EEVFK1K331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
117Kb / 6P
ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEVFK1K331M PANASONIC-EEVFK1K331M Datasheet
105Kb / 4P
Surface Mount Type
More results

Similar Description - EEVFK1K331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-FK1H221P PANASONIC-EEV-FK1H221P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEV-FK1V221P PANASONIC-EEV-FK1V221P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEV-FK1E100R PANASONIC-EEV-FK1E100R Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEV-FK1J680P PANASONIC-EEV-FK1J680P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEV-FK1C471P PANASONIC-EEV-FK1C471P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEV-FK1C470P PANASONIC-EEV-FK1C470P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com