Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1671 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1671
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1671 Datasheet HTML 8Page - Analog Devices AD1671 Datasheet HTML 9Page - Analog Devices AD1671 Datasheet HTML 10Page - Analog Devices AD1671 Datasheet HTML 11Page - Analog Devices AD1671 Datasheet HTML 12Page - Analog Devices AD1671 Datasheet HTML 13Page - Analog Devices AD1671 Datasheet HTML 14Page - Analog Devices AD1671 Datasheet HTML 15Page - Analog Devices AD1671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD1671
REV. B
–12–
APPLICATIONS
AD1671 TO ADSP-2100A
Figure 16 demonstrates the AD1671 to ADSP-2100A interface.
The 2100A with a clock frequency of 12.5 MHz can execute an
instruction in one 80 ns cycle. The AD1671 is configured to
perform continuous time sampling. The DAV output of the
AD1671 is asserted at the end of each conversion. DAV can be
used to latch the conversion result into the two 574 octal
D-latches. The falling edge of the sampling clock is used to
generate an interrupt (IRQ3) for the processor. Upon interrupt,
the ADSP-2100A starts a data memory read by providing an
address on the DMA bus. The decoded address generates OE
for the latches and the processor reads their output over the
DMA bus. The conversion result is read within a single proces-
sor cycle.
+5V
ADSP-
2100A
DMA0:13
DMA0:15
DMACK
ADDRESS BUS
Q0:7
D0:7
574
OE
Q0:7
D0:7
574
OE
DATA BUS
D0:3
DAV
BIT1:12
ENCODE
16
8
4
8
4
DMRD
IRQ3
AD1671
SAMPLING
CLOCK
DECODE
8
Figure 16. AD1671 to ADSP-2100A Interface
AD1671 TO ADSP-2101/2102
Figure 17 is identical to the 2100A interface except the sam-
pling clock is used to generate an interrupt (IRQ2) for the pro-
cessor. Upon interrupt the ADSP-2100A starts a data memory
read by providing an address on the address (A) bus. The de-
code address generates OE for the D-latches and the processor
reads their output over the Data (D) bus. Reading the conver-
sion result is thus completed within a single processor cycle.
ADSP-2101
A0:13
D0:15
ADDRESS BUS
DECODE
Q0:7
D0:7
574
OE
Q0:7
D0:7
574
OE
DATA BUS
D0:3
16
8
4
8
8
4
RD
IRQ2
SAMPLING
CLOCK
DAV
BIT1:12
ENCODE
AD1671
Figure 17. AD1671 to ADSP-2101/ADSP-2102 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com