Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1671 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1671
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1671 Datasheet HTML 8Page - Analog Devices AD1671 Datasheet HTML 9Page - Analog Devices AD1671 Datasheet HTML 10Page - Analog Devices AD1671 Datasheet HTML 11Page - Analog Devices AD1671 Datasheet HTML 12Page - Analog Devices AD1671 Datasheet HTML 13Page - Analog Devices AD1671 Datasheet HTML 14Page - Analog Devices AD1671 Datasheet HTML 15Page - Analog Devices AD1671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD1671
REV. B
–13–
COMPONENT LIST
Parts List
Type
Reference Designator
Description
R1, R2
Resistor, 5%, 0.5 W, 100
Ω
R3, R4, R5
Resistor, 1%, 49.9
Ω
R6
100
Ω Trim Potentiometer
R7
Resistor 1%, 4.99 k
Ω Optional
R8
X
Ω Trim Potentiometer, Optional
R9, R11
Resistor, 1%, 4.99 k
Ω
R10
Resistor, 1%, 10 k
Ω
R12
Resistor, 1%, 2.49 k
Ω
R13
Resistor, 1%, 787
Ω
R14
Resistor, 1%, 249
Ω
R15–R28
Resistor, 5%, 22
Ω
C1, C3, C5
Cap, Tantalum, 22
µF
C2, C4, C6, C8, C10
Cap, Ceramic, 0.01
µF
C7, C9, C15, C16
Cap, Tantalum, 10
µF
C11, C12, C13, C14, C17
Cap, Ceramic, 0.1
µF
C18
Cap, Ceramic, 1.0
µF
C19–C22
Cap, Ceramic, 0.1
µF
C23
Cap, Mica, 100 pF
C24
Cap, Ceramic, 0.001
µF
U1
78L05 +5 V Regulator
U2
79L05 –5 V Regulator
U3
AD1671
U4–U5
74HC573 Drivers
U6
AD568
W1–W3
BNC Jacks
J1–J15
Jumpers and Headers
Metal Binding Posts
S1
Wide 28-Pin Socket
S2
Narrow 20-Pin Socket
S3
Narrow 24-Pin Socket
SW1–SW3
SECMA SPDT Switch
TP1, TP2, TP4–TP6
Test Point, Red
TP3, TP7, TP10, TP13
Test Point, Black
TP8, TP9, TP11, TP12, TP14
Test Point, White
P1
40-Pin Connector Male + Hooks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com