Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5227BUJZ10-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5227BUJZ10-R2
Description  64-Position Up/Down Control Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5227BUJZ10-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5227BUJZ10-R2 Datasheet HTML 5Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 6Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 7Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 8Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 9Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 10Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 11Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD5227
Rev. B | Page 9 of
16
6
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
1M
START 1 000.000Hz
STOP 1 000 000.000Hz
REF LEVEL
0dB
/DIV
6.0dB
MARKER
MAG (A/R)
100 885.289Hz
–9.060dB
100k
TA = 25°C
VDD = 5.5V
VA = 50mV rms
32 STEPS
16 STEPS
8 STEPS
4 STEPS
2 STEPS
1 STEP
Figure 18. Gain vs. Frequency vs. Code, RAB = 50 kΩ
6
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
1M
START 1 000.000Hz
STOP 1 000 000.000Hz
REF LEVEL
0dB
/DIV
6.0dB
MARKER
MAG (A/R)
52 246.435Hz
–9.139dB
100k
TA = 25°C
VDD = 5.5V
VA = 50mV rms
32 STEPS
16 STEPS
8 STEPS
4 STEPS
2 STEPS
1 STEP
Figure 19. Gain vs. Frequency vs. Code, RAB = 100 kΩ
0
–60
–40
–20
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V DC ±10% p-p AC
VDD = 3V DC ±10% p-p AC
STEP = MIDSCALE, VA = VDD, VB = 0V
Figure 20. PSRR
200
0
100
150
50
10k
100k
10M
1M
FREQUENCY (Hz)
VDD = 5V
VDD = 3V
Figure 21. IDD vs. CLK Frequency
1.2
0
0.2
0.4
0.6
0.8
1.0
0
8
16
24
32
40
48
56
64
CODE (Decimal)
RAB = 10kΩ
RAB = 50kΩ
RAB = 100kΩ
A = OPEN
TA = 25°C
Figure 22. Maximum IWB vs. Code
CH1 2.00V
CH2 50.0mV
M 400ns
A CH2
60.0mV
VW
1
2
VA
T
0.00000s
VDD = 5V
VA = 5V
VB = 0V
VB = 0V
STEP N+1
STEP N
Figure 23. Step Change Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com