Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5227BUJZ10-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5227BUJZ10-R2
Description  64-Position Up/Down Control Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5227BUJZ10-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5227BUJZ10-R2 Datasheet HTML 8Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 9Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 10Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 11Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 13Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 14Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 15Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD5227
Rev. B | Page 14 of 1
6
3.50
3.40
3.41
3.42
3.43
3.44
3.45
3.46
3.47
3.48
3.49
02468
10
1
DAYS
CONSTANT BIAS WITH SUPPLY TO
RETAIN RESISTANCE SETTING
2
TA = 25°C
Users who consider EEMEM potentiometers but cannot justify
the additional cost and programming for their designs can con-
sider constantly biasing the AD5227 with the supply to retain
the resistance setting as shown in Figure 38. The AD5227 is
designed specifically with low power to allow power conservation
even in battery-operated systems. As shown in Figure 39, a
similar low power digital potentiometer is biased with a 3.4 V
450 mA/hour Li-Ion cell phone battery. The measurement shows
that the device drains negligible power. Constantly biasing the
potentiometer is a practical approach because most portable
devices do not require detachable batteries for charging.
Although the resistance setting of the AD5227 is lost when the
battery needs to be replaced, this event occurs so infrequently
that the inconvenience is minimal for most applications.
Figure 39. Battery Consumption Measurement
VDD
AD5227
U1
GND
VDD
U2
GND
COMPONENT X
VDD
U3
GND
COMPONENT Y
GND
VDD
SW1
+
–
Figure 38. Constant Bias AD5227 for Resistance Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com