Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5227BUJZ10-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5227BUJZ10-R2
Description  64-Position Up/Down Control Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5227BUJZ10-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5227BUJZ10-R2 Datasheet HTML 1Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 2Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 3Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 4Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 5Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 6Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 7Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 8Page - Analog Devices AD5227BUJZ10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
64-Position Up/Down
Control Digital Potentiometer
AD5227
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703© 2004–2009 Analog Devices, Inc. All rights reserved.
FEATURES
64-position digital potentiometer
10 kΩ, 50 kΩ, 100 kΩ end-to-end terminal resistance
Simple up/down digital or manual configurable control
Midscale preset
Low potentiometer mode tempco = 10 ppm/°C
Low rheostat mode tempco = 35 ppm/°C
Ultralow power, IDD = 0.4 μA typ and 3 μA max
Fast adjustment time, ts = 1 μs
Chip select enable multiple device operation
Low operating voltage, 2.7 V to 5.5 V
Automotive temperature range, −40°C to +105°C
Compact thin SOT-23-8 (2.9 mm × 3 mm) Pb-free package
APPLICATIONS
Mechanical potentiometer and trimmer replacements
LCD backlight, contrast, and brightness controls
Portable electronics level adjustment
Programmable power supply
Digital trimmer replacements
Automatic closed-loop control
FUNCTIONAL BLOCK DIAGRAM
CS
U/D
CLK
GND
VDD
6-BIT UP/DOWN
CONTROL
LOGIC
POR
MIDSCALE
WIPER
REGISTER
A
W
B
AD5227
Figure 1.
GENERAL DESCRIPTION
The AD5227 is Analog Devices’ latest 64-step up/down control
digital potentiometer1. This device performs the same electronic
adjustment function as a 5 V potentiometer or variable resistor.
Its simple 3-wire up/down interface allows manual switching or
high speed digital control. The AD5227 presets to midscale at
power-up. When CS is enabled, the devices changes step at
every clock pulse. The direction is determined by the state of
the U/D pin (see
). The interface is simple to activate by
any host controller, discrete logic, or manually with a rotary
encoder or pushbuttons. The AD5227’s 64-step resolution, small
footprint, and simple interface enable it to replace mechanical
potentiometers and trimmers with typically 6× improved
resolution, solid-state reliability, and design layout flexibility,
resulting in a considerable cost savings in end users’ systems.
Table 1
1 The terms digital potentiometer and RDAC are used interchangeably.
The AD5227 is available in a compact thin SOT-23-8 (TSOT-8)
Pb-free package. The part is guaranteed to operate over the
automotive temperature range of −40°C to +105°C.
Users who consider EEMEM potentiometers should refer to
some recommendations in the Applications section.
Table 1. Truth Table
CS
CLK
U/D
Operation1
0
↓
0
RWB Decrement
0
↓
1
RWB Increment
1
X
X
No Operation
1 RWA increments if RWB decrements and vice versa.


Similar Part No. - AD5227BUJZ10-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5227BUJZ10-R22 AD-AD5227BUJZ10-R22 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
More results

Similar Description - AD5227BUJZ10-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5228 AD-AD5228 Datasheet
341Kb / 20P
32-Position Manual Up/Down Control Potentiometer
4/04-Revision 0
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
logo
Analog Devices
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
32-Position Manual Up/Down Control Potentiometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com