Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2D Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # S12CPUV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12CPUV2D Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  S12CPUV2D Datasheet HTML 1Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 2Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 3Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 4Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 5Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 6Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 7Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 8Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
3
V01.06
20 Aug.
2002
20 Aug.
2002
NVM electricals updated
Subsection "Detailed Register Map: Address corrections
Preface, Table "Document references": added OSC User Guide
New section "Oscillator (OSC) Block Description"
V01.07
20 Sept.
2002
20 Sept.
2002
Electrical Characteristics:
-> Section "General": removed preliminary disclaimer
->Table "Supply Current Characteristics":
changed max Run IDD from 65mA to 50mA
changes max Wait IDD from 40mA to 30mA
changed max Stop IDD from 50uA to 100uA
Section HCS12 Core Block Description: mentioned alternate clock
of BDM to be equivalent to oscillator clock
V01.08
25 Sept.
2002
25 Sept.
2002
Table "5V I/O Characteristics": Corrected Input Leakage Current to
+/- 1 uA
Section "Part ID assignment": Located on start of next page for
better readability
V01.09
10 Oct.
2002
10 Oct.
2002
Added MC9S12A64 derivative to cover sheet and "Derivative
Differences" Table
Corrected in footnote of Table "PLL Characteristics": fOSC = 4MHz
V01.10
8 Nov.
2002
8 Nov.
2002
Renamed "Preface" section to "Derivative Differences and
Document references". Added details for derivatives missing CAN0
and/or BDLC
Table "ESD and Latch-up Test Conditions": changed pulse numbers
from 3 to 1
Table "ESD and Latch-Up Protection Characteristics": changed
parameter classification from C to T
Table "5V I/O Characteristics": removed foot note from "Input
Leakage Current"
Table " Supply Current Characteristics": updated Stop and Pseudo
Stop currents
V01.11
24 Jan.
2003
24 Jan.
2003
Subsection "Detailed Register Map": Corrected several entries
Subsection "Unsecuring the Microcontroller": Added more details
Table "Operating Conditions": improved footnote 1 wording, applied
footnote 1 to PLL Supply Voltage.
V01.12
31 Mar.
2003
31 Mar.
2003
Tables "SPI Master/Slave Mode Timing Characteristics: Corrected
Operating Frequency
Appendix ’NVM, Flash and EEPROM’: Replaced ’burst
programming’ by ’row programming
Table "Operating Conditions": corrected minimum bus frequency to
0.25MHz
Section "Feature List": ECT features changed to "Four pulse
accumulators ..."
V01.13
20 May
2003
20 May
2003
Replaced references to HCS12 Core Guide by the individual
HCS12 Block guides
Table "Signal Properties" corrected pull resistor reset state for PE7
and PE4-PE2.
Table "Absolute Maximum Ratings" corrected footnote on clamp of
TEST pin.
V01.14
10 June
2003
10 June
2003
Added cycle definition to "CPU 12 Block Description".
Added register reset values to MMC and MEBI block descriptions.
Diagram "Clock Connections": Connect Bus Clock to HCS12 Core
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com