Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2D Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # S12CPUV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12CPUV2D Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button S12CPUV2D Datasheet HTML 85Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 86Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 87Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 88Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 89Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 90Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 91Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 92Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
89
NOTE:
Please refer to the temperature rating of the device (C, V, M) with regards to the
ambient temperature TA and the junction temperature TJ. For power dissipation
calculations refer to Section A.1.8 Power Dissipation and Thermal
Characteristics.
A.1.8 Power Dissipation and Thermal Characteristics
Power dissipation and thermal characteristics are closely related. The user must assure that the maximum
operating junction temperature is not exceeded. The average chip-junction temperature (TJ)in °C can be
obtained from:
Table A-4 Operating Conditions
Rating
Symbol
Min
Typ
Max
Unit
I/O, Regulator and Analog Supply Voltage
VDD5
4.5
5
5.25
V
Digital Logic Supply Voltage 1
NOTES:
1. The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The
given operating range applies when this regulator is disabled and the device is powered from an external source.
VDD
2.35
2.5
2.75
V
PLL Supply Voltage 1
VDDPLL
2.35
2.5
2.75
V
Voltage Difference VDDX to VDDR and VDDA
∆
VDDX
-0.1
0
0.1
V
Voltage Difference VSSX to VSSR and VSSA
∆
VSSX
-0.1
0
0.1
V
Oscillator
fosc
0.5
-
16
MHz
Bus Frequency
fbus
0.252
2. Some blocks e.g. ATD (conversion) and NVMs (program/erase) require higher bus frequencies for proper oper-
ation.
-
25
MHz
MC9S12DJ64C
Operating Junction Temperature Range
T
J
-40
-
100
°C
Operating Ambient Temperature Range 3
3. Please refer to Section A.1.8 Power Dissipation and Thermal Characteristics for more details about the rela-
tion between ambient temperature TA and device junction temperature TJ.
T
A
-40
27
85
°C
MC9S12DJ64V
Operating Junction Temperature Range
T
J
-40
-
120
°C
Operating Ambient Temperature Range 3
T
A
-40
27
105
°C
MC9S12DJ64M
Operating Junction Temperature Range
T
J
-40
-
140
°C
Operating Ambient Temperature Range 3
T
A
-40
27
125
°C
T
J
T
A
P
D
Θ
JA
•
()
+
=
T
J
Junction Temperature, [
°C ]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com