Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2D Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # S12CPUV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12CPUV2D Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button S12CPUV2D Datasheet HTML 16Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 17Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 18Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 19Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 20Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 21Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 22Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 23Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
20
–
4K byte RAM
•
Two 8-channel Analog-to-Digital Converters
–
10-bit resolution
–
External conversion trigger capability
•
1M bit per second, CAN 2.0 A, B software compatible module
–
Five receive and three transmit buffers
–
Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
–
Four separate interrupt channels for Rx, Tx, error and wake-up
–
Low-pass filter wake-up function
–
Loop-back for self test operation
•
Enhanced Capture Timer
–
16-bit main counter with 7-bit prescaler
–
8 programmable input capture or output compare channels
–
Four 8-bit or two 16-bit pulse accumulators
•
8 PWM channels
–
Programmable period and duty cycle
–
8-bit 8-channel or 16-bit 4-channel
–
Separate control for each pulse width and duty cycle
–
Center-aligned or left-aligned outputs
–
Programmable clock select logic with a wide range of frequencies
–
Fast emergency shutdown input
–
Usable as interrupt inputs
•
Serial interfaces
–
Two asynchronous Serial Communications Interfaces (SCI)
–
Synchronous Serial Peripheral Interface (SPI)
•
Byte Data Link Controller (BDLC)
–
SAE J1850 Class B Data Communications Network Interface Compatible and ISO Compatible
for Low-Speed (<125 Kbps) Serial Data Communications in Automotive Applications
•
Inter-IC Bus (IIC)
–
Compatible with I2C Bus standard
–
Multi-master operation
–
Software programmable for one of 256 different serial clock frequencies
•
112-Pin LQFP or 80 QFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com