Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2D Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # S12CPUV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12CPUV2D Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button S12CPUV2D Datasheet HTML 115Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 116Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 117Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 118Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 119Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 120Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 121Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 122Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
119
Table A-20 Expanded Bus Timing Characteristics
Conditions are shown in Table A-4 unless otherwise noted, CLOAD = 50pF
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Frequency of operation (E-clock)
fo
0
25.0
MHz
2
P Cycle time
tcyc
40
ns
3
D Pulse width, E low
PWEL
19
ns
4D Pulse width, E high1
PWEH
19
ns
5
D Address delay time
tAD
8ns
6D Address valid time to E rise (PWEL–tAD)tAV
11
ns
7
D Muxed address hold time
tMAH
2ns
8
D Address hold to data valid
tAHDS
7ns
9
D Data hold to address
tDHA
2ns
10
D Read data setup time
tDSR
13
ns
11
D Read data hold time
tDHR
0ns
12
D Write data delay time
tDDW
7ns
13
D Write data hold time
tDHW
2ns
14
D Write data setup time1 (PWEH–tDDW)
tDSW
12
ns
15
D Address access time1 (tcyc–tAD–tDSR)
tACCA
19
ns
16
D E high access time1 (PWEH–tDSR)
tACCE
6ns
17
D Non-multiplexed address delay time
tNAD
6ns
18
D Non-muxed address valid to E rise (PWEL–tNAD)tNAV
15
ns
19
D Non-multiplexed address hold time
tNAH
2ns
20
D Chip select delay time
tCSD
16
ns
21
D Chip select access time1 (tcyc–tCSD–tDSR)
tACCS
11
ns
22
D Chip select hold time
tCSH
2ns
23
D Chip select negated time
tCSN
8ns
24
D Read/write delay time
tRWD
7ns
25
D Read/write valid time to E rise (PWEL–tRWD)tRWV
14
ns
26
D Read/write hold time
tRWH
2ns
27
D Low strobe delay time
tLSD
7ns
28
D Low strobe valid time to E rise (PWEL–tLSD)tLSV
14
ns
29
D Low strobe hold time
tLSH
2ns
30
D NOACC strobe delay time
tNOD
7ns
31
D NOACC valid time to E rise (PWEL–tNOD)tNOV
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com