Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F676-E/ST Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 36Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 37Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 38Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 39Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
PIC16F630/676
DS40039F-page 40
 2010 Microchip Technology Inc.
6.1
Comparator Operation
A single comparator is shown in Figure 6-1, along with
the relationship between the analog input levels and
the digital output. When the analog input at VIN+ is less
than the analog input VIN-, the output of the comparator
is a digital low level. When the analog input at VIN+ is
greater than the analog input VIN-, the output of the
comparator is a digital high level. The shaded areas of
the output of the comparator in Figure 6-1 represent
the uncertainty due to input offsets and response time.
The polarity of the comparator output can be inverted
by setting the CINV bit (CMCON<4>). Clearing CINV
results in a non-inverted output. A complete table
showing the output state versus input conditions and
the polarity bit is shown in Table 6-1.
TABLE 6-1:
OUTPUT STATE VS. INPUT
CONDITIONS
FIGURE 6-1:
SINGLE COMPARATOR
Note:
To use CIN+ and CIN- pins as analog
inputs, the appropriate bits must be
programmed in the CMCON (19h) register.
Input Conditions
CINV
COUT
VIN- > VIN+
00
VIN- < VIN+
01
VIN- > VIN+
11
VIN- < VIN+
10
Output
VIN-
VIN+
Output
+
–
VIN+
VIN-
Note:
CINV bit (CMCON<4>) is clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com