Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F676-E/ST Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 87Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 88Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 89Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 90Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 91Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 92Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 93Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 94Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 91
PIC16F630/676
12.4
DC Characteristics: PIC16F630/676-E (Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
C  TA  +125C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010E
Supply Current (IDD)
—9
16
A2.0
FOSC = 32 kHz
LP Oscillator Mode
—18
28
A3.0
—35
54
A5.0
D011E
—
110
150
A2.0
FOSC = 1 MHz
XT Oscillator Mode
—
190
280
A3.0
—
330
450
A5.0
D012E
—
220
280
A2.0
FOSC = 4 MHz
XT Oscillator Mode
—
370
650
A3.0
—
0.6
1.4
mA
5.0
D013E
—
70
110
A2.0
FOSC = 1 MHz
EC Oscillator Mode
—
140
250
A3.0
—
260
390
A5.0
D014E
—
180
250
A2.0
FOSC = 4 MHz
EC Oscillator Mode
—
320
470
A3.0
—
580
850
A5.0
D015E
—
340
450
A2.0
FOSC = 4 MHz
INTOSC Mode
—
500
780
A3.0
—
0.8
1.1
mA
5.0
D016E
—
180
250
A2.0
FOSC = 4 MHz
EXTRC Mode
—
320
450
A3.0
—
580
800
A5.0
D017E
—
2.1
2.95
mA
4.5
FOSC = 20 MHz
HS Oscillator Mode
—
2.4
3.0
mA
5.0
† Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: The test conditions for all IDD measurements in Active Operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern, and temperature also have
an impact on the current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com