Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F676-E/ST Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 61Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 62Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 63Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 64Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 65Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 66Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 67Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 68Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 65
PIC16F630/676
9.4
Interrupts
The PIC16F630/676 has 7 sources of interrupt:
• External Interrupt RA2/INT
• TMR0 Overflow Interrupt
• PORTA Change Interrupts
• Comparator Interrupt
• A/D Interrupt (PIC16F676 only)
• TMR1 Overflow Interrupt
• EEPROM Data Write Interrupt
The Interrupt Control register (INTCON) and Peripheral
Interrupt register (PIR) record individual interrupt
requests in flag bits. The INTCON register also has
individual and Global Interrupt Enable bits.
A Global Interrupt Enable bit, GIE (INTCON<7>)
enables (if set) all unmasked interrupts, or disables (if
cleared) all interrupts. Individual interrupts can be
disabled through their corresponding enable bits in
INTCON register and PIE register. GIE is cleared on
Reset.
The return from interrupt instruction, RETFIE, exits
interrupt routine, as well as sets the GIE bit, which re-
enables unmasked interrupts.
The following interrupt flags are contained in the
INTCON register:
• INT pin interrupt
• PORTA change interrupt
• TMR0 overflow interrupt
The peripheral interrupt flags are contained in the
special register PIR1. The corresponding interrupt
enable bit is contained in Special Register PIE1.
The following interrupt flags are contained in the PIR
register:
• EEPROM data write interrupt
• A/D interrupt
• Comparator interrupt
• Timer1 overflow interrupt
When an interrupt is serviced:
• The GIE is cleared to disable any further interrupt
• The return address is pushed onto the stack
• The PC is loaded with 0004h
Once in the Interrupt Service Routine, the source(s) of
the interrupt can be determined by polling the interrupt
flag bits. The interrupt flag bit(s) must be cleared in soft-
ware before re-enabling interrupts to avoid RA2/INT
recursive interrupts.
For external interrupt events, such as the INT pin, or
PORTA change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends upon when the interrupt event occurs (see
Figure 9-11). The latency is the same for one or two-
cycle instructions. Once in the Interrupt Service
Routine, the source(s) of the interrupt can be
determined by polling the interrupt flag bits. The
interrupt flag bit(s) must be cleared in software before
re-enabling interrupts to avoid multiple interrupt
requests.
Note 1: Individual interrupt flag bits are set,
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
2: When an instruction that clears the GIE
bit is executed, any interrupts that were
pending for execution in the next cycle
are ignored. The interrupts which were
ignored are still pending to be serviced
when the GIE bit is set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com