Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808-E/MC Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP9808-E/MC
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MC Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP9808-E/MC Datasheet HTML 17Page - Microchip Technology MCP9808-E/MC Datasheet HTML 18Page - Microchip Technology MCP9808-E/MC Datasheet HTML 19Page - Microchip Technology MCP9808-E/MC Datasheet HTML 20Page - Microchip Technology MCP9808-E/MC Datasheet HTML 21Page - Microchip Technology MCP9808-E/MC Datasheet HTML 22Page - Microchip Technology MCP9808-E/MC Datasheet HTML 23Page - Microchip Technology MCP9808-E/MC Datasheet HTML 24Page - Microchip Technology MCP9808-E/MC Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 21
MCP9808
FIGURE 5-3:
Timing Diagram for Reading from the Configuration Register (see Section 4.0 “Serial
Communication”).
SDA
A
C
K
00
1
1
A
Configuration Pointer
00
0
0
A
C
K
S
2
A
1
A
0
1
2
3
4
567
8
1
2
345
6
7
8
SCL
0
Address Byte
A
C
K
0
011
A
MSB Data
A
C
K
N
A
K
S
P
2
A
1
A
0
123
45
6
7
8
1
2
345
6
7
8
12
3
4
567
8
Address Byte
LSB Data
R
MCP9808
MCP9808
MCP9808
Master
Master
W
SDA
SCL
00
1
00
00
0
00
0
0
0
0
0
1
00
0
Reading the CONFIG Register:
Note:
It is not necessary to
select the Register
Pointer if it was set
from
the
previous
read/write.
Note: This is an example routine (see Appendix A: “Source Code”).
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE);
//WRITE Command
(see
Section 4.1.4 “Address Byte”)
//also, make sure bit 0 is cleared ‘0’
i2c_write(0x01);
// Write CONFIG Register
i2c_start();
// send Repeat START command
i2c_write(AddressByte | 0x01);
//READ Command
//also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits
//and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits
//and Send NAK bit
i2c_stop();
// send STOP command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com