Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808-E/MC Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9808-E/MC
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MC Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9808-E/MC Datasheet HTML 4Page - Microchip Technology MCP9808-E/MC Datasheet HTML 5Page - Microchip Technology MCP9808-E/MC Datasheet HTML 6Page - Microchip Technology MCP9808-E/MC Datasheet HTML 7Page - Microchip Technology MCP9808-E/MC Datasheet HTML 8Page - Microchip Technology MCP9808-E/MC Datasheet HTML 9Page - Microchip Technology MCP9808-E/MC Datasheet HTML 10Page - Microchip Technology MCP9808-E/MC Datasheet HTML 11Page - Microchip Technology MCP9808-E/MC Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MCP9808
DS25095A-page 8
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD and
TA = -40°C to +125°C.
FIGURE 2-7:
Temperature Accuracy
Histogram, TA = -40°C.
FIGURE 2-8:
Supply Current vs.
Temperature.
FIGURE 2-9:
Power-on Reset Threshold
Voltage vs. Temperature.
FIGURE 2-10:
Temperature Accuracy
Histogram, TA = +125°C.
FIGURE 2-11:
Temperature Accuracy vs
Supply Voltage.
FIGURE 2-12:
Temperature Conversion
Time vs. Temperature.
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = -40°C
V
DD = 3.3V
240 units
100
150
200
250
300
350
400
-40
-20
0
2040
6080
100
120
Temperature (°C)
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = 125°C
V
DD = 3.3V
240 units
-1.00
-0.50
0.00
0.50
1.00
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
∆°C/∆VDD = 0.1°C/V
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
10
100
1000
-40
-20
0
2040
6080
100
120
Temperature (°C)
0.0625°C
0.125°C
0.25°C
0.5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com