Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808-E/MC Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP9808-E/MC
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MC Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP9808-E/MC Datasheet HTML 23Page - Microchip Technology MCP9808-E/MC Datasheet HTML 24Page - Microchip Technology MCP9808-E/MC Datasheet HTML 25Page - Microchip Technology MCP9808-E/MC Datasheet HTML 26Page - Microchip Technology MCP9808-E/MC Datasheet HTML 27Page - Microchip Technology MCP9808-E/MC Datasheet HTML 28Page - Microchip Technology MCP9808-E/MC Datasheet HTML 29Page - Microchip Technology MCP9808-E/MC Datasheet HTML 30Page - Microchip Technology MCP9808-E/MC Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 27
MCP9808
5.1.4
MANUFACTURER ID REGISTER
This register is used to identify the manufacturer of the
device in order to perform manufacturer-specific
operation. The Manufacturer ID for the MCP9808 is
0x0054 (hexadecimal).
FIGURE 5-6:
Timing Diagram for Reading the Manufacturer ID Register (see Section 4.0 “Serial
Communication”).
REGISTER 5-5:
MANUFACTURER ID REGISTER – READ-ONLY (
→ ADDRESS ‘0000 0110’b)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Manufacturer ID
bit 15
bit 8
R-0
R-1
R-0
R-1
R-0
R-1
R-0
R-0
Manufacturer ID
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
Device Manufacturer Identification bits
SDA
A
C
K
00
1
1
A
Manufacturer ID Pointer
00
0
0
A
C
K
S
2
A
1
A
0
1
2
3
4
567
8
1
2
345
678
SCL
0
Address Byte
A
C
K
00
1
1
A
MSB Data
A
C
K
N
A
K
S
P
2
A
1
A
0
1
2
3
4
567
8
1
2
345
6
7
8
12
3
4
567
8
Address Byte
LSB Data
R
MCP9808
MCP9808
MCP9808
Master
Master
W
SDA
SCL
11
0
00
00
0
00
0
0
1
0
1
0
10
0
Note:
It is not necessary to
select the Register
Pointer if it was set
from
the previous
read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com