Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808T-E/MS Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP9808T-E/MS
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808T-E/MS Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP9808T-E/MS Datasheet HTML 44Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 45Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 46Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 47Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 48Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 49Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 50Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 51Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 51
MCP9808
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9808:
Digital Temperature Sensor
MCP9808T:
Digital Temperature Sensor (Tape and Reel)
Temperature Range:
E
= -40°C to +125°C
Package:
MC = Plastic Dual Flat No-Lead (DFN) 2x3, 8-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP9808-E/MC:
Extended Temperature
8LD DFN package.
b) MCP9808-E/MS:
Extended Temperature
8LD MSOP package.
c) MCP9808T-E/MC:
Tape and Reel,
Extended Temperature
8LD DFN package.
d) MCP9808T-E/MS:
Tape and Reel,
Extended Temperature
8LD MSOP package.
X
Tape and Reel
Alternate Pinout
and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com