Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808T-E/MS Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP9808T-E/MS
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808T-E/MS Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP9808T-E/MS Datasheet HTML 14Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 15Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 16Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 17Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 18Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 19Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 20Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 21Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
MCP9808
DS25095A-page 18
© 2011 Microchip Technology Inc.
5.1.1
SENSOR CONFIGURATION
REGISTER (CONFIG)
The MCP9808 has a 16-bit Configuration register
(CONFIG) that allows the user to set various functions for
a robust temperature monitoring system. Bits 10 through
0 are used to select the temperature alert output
hysteresis, device shutdown or Low-Power mode,
temperature boundary and critical temperature lock, and
temperature Alert output enable/disable. In addition, Alert
output condition (output set for TUPPER and TLOWER
temperature boundary or TCRIT only), Alert output status
and Alert output polarity and mode (Comparator Output
or Interrupt Output mode) are user-configurable.
The temperature hysteresis bits 10 and 9 can be used
to
prevent
output
chatter
when
the
ambient
temperature
gradually
changes
beyond
the
user-specified
temperature
boundary
(see
Section 5.2.2 “Temperature Hysteresis (THYST)”.
The Continuous Conversion or Shutdown mode is
selected using bit 8. In Shutdown mode, the band gap
temperature
sensor
circuit
stops
converting
temperature and the Ambient Temperature register
(TA) holds the previous temperature data (see
Section 5.2.1 “Shutdown Mode”). Bits 7 and 6 are
used to lock the user-specified boundaries TUPPER,
TLOWER and TCRIT to prevent an accidental rewrite.
The Lock bits are cleared by resetting the power. Bits 5
through 0 are used to configure the temperature Alert
output pin. All functions are described in Register 5-2
(see
Section 5.2.3 “Alert Output Configuration”).
REGISTER 5-2:
CONFIG: CONFIGURATION REGISTER (
→ ADDRESS ‘0000 0001’b)
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—THYST
SHDN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
Crit. Lock
Win. Lock
Int. Clear
Alert Stat.
Alert Cnt.
Alert Sel.
Alert Pol.
Alert Mod.
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10-9
THYST: TUPPER and TLOWER Limit Hysteresis bits
00
= 0°C (power-up default)
01
=+1.5°C
10
=+3.0°C
11
=+6.0°C
(Refer to
Section 5.2.3 “Alert Output Configuration”.)
This bit can not be altered when either of the Lock bits are set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode.
bit 8
SHDN: Shutdown Mode bit
0
= Continuous conversion (power-up default)
1
= Shutdown (Low-Power mode)
In shutdown, all power-consuming activities are disabled, though all registers can be written to or read.
This bit cannot be set to ‘1’ when either of the Lock bits is set (bit 6 and bit 7). However, it can be
cleared to ‘0’ for continuous conversion while locked (refer to
Section 5.2.1 “Shutdown Mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com