Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808T-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP9808T-E/MS
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808T-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP9808T-E/MS Datasheet HTML 15Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 16Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 17Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 18Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 19Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 20Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 21Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 22Page - Microchip Technology MCP9808T-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 19
MCP9808
bit 7
Crit. Lock: T
CRIT Lock bit
0
= Unlocked. TCRIT register can be written (power-up default)
1
= Locked. TCRIT register can not be written
When enabled, this bit remains set to ‘1’ or locked until cleared by an internal Reset (
Section 5.3
“Summary of Power-on Default”).
This bit can be programmed in Shutdown mode.
bit 6
Win. Lock: T
UPPER and TLOWER Window Lock bit
0
= Unlocked; TUPPER and TLOWER registers can be written (power-up default)
1
= Locked; TUPPER and TLOWER registers can not be written
When enabled, this bit remains set to ‘1’ or locked until cleared by a Power-on Reset (
Section 5.3
“Summary of Power-on Default”).
This bit can be programmed in Shutdown mode.
bit 5
Int. Clear: Interrupt Clear bit
0
= No effect (power-up default)
1
= Clear interrupt output; when read, this bit returns to ‘0’
This bit can not be set to ‘1’ in Shutdown mode, but it can be cleared after the device enters Shutdown
mode.
bit 4
Alert Stat.: Alert Output Status bit
0
= Alert output is not asserted by the device (power-up default)
1
= Alert output is asserted as a comparator/Interrupt or critical temperature output
This bit can not be set to ‘1’ or cleared to ‘0’ in Shutdown mode. However, if the Alert output is config-
ured as Interrupt mode, and if the host controller clears to ‘0’, the interrupt, using bit 5 while the device
is in Shutdown mode, then this bit will also be cleared ‘0’.
bit 3
Alert Cnt.: Alert Output Control bit
0
= Disabled (power-up default)
1
= Enabled
This bit can not be altered when either of the Lock bits are set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode, but the Alert output will not assert or deassert.
bit 2
Alert Sel.: Alert Output Select bit
0
= Alert output for TUPPER, TLOWER and TCRIT (power-up default)
1
=TA > TCRIT only (TUPPER and TLOWER temperature boundaries are disabled)
When the Alarm Window Lock bit is set, this bit cannot be altered until unlocked (bit 6).
This bit can be programmed in Shutdown mode, but the Alert output will not assert or deassert.
bit 1
Alert Pol.: Alert Output Polarity bit
0
= Active-low (power-up default; pull-up resistor required)
1
= Active-high
This bit cannot be altered when either of the Lock bits are set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode, but the Alert output will not assert or deassert.
bit 0
Alert Mod.: Alert Output Mode bit
0
= Comparator output (power-up default)
1
= Interrupt output
This bit cannot be altered when either of the Lock bits are set (bit 6 and bit 7).
This bit can be programmed in Shutdown mode, but the Alert output will not assert or deassert.
REGISTER 5-2:
CONFIG: CONFIGURATION REGISTER (
→ ADDRESS ‘0000 0001’b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com