Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200-I/SN Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS200-I/SN
Description  KEELOQ Code Hopping Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200-I/SN Datasheet(HTML) 1 Page - Microchip Technology

  HCS200-I/SN Datasheet HTML 1Page - Microchip Technology HCS200-I/SN Datasheet HTML 2Page - Microchip Technology HCS200-I/SN Datasheet HTML 3Page - Microchip Technology HCS200-I/SN Datasheet HTML 4Page - Microchip Technology HCS200-I/SN Datasheet HTML 5Page - Microchip Technology HCS200-I/SN Datasheet HTML 6Page - Microchip Technology HCS200-I/SN Datasheet HTML 7Page - Microchip Technology HCS200-I/SN Datasheet HTML 8Page - Microchip Technology HCS200-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2011 Microchip Technology Inc.
DS40138D-page 1
HCS200
FEATURES
Security
• Programmable 28-bit serial number
• Programmable 64-bit crypt key
• Each transmission is unique
• 66-bit transmission code length
• 32-bit hopping code
• 28-bit serial number, 4-bit button status,
low battery indicator transmitted
• Crypt keys are read protected
Operating
• 3.5–13.0V operation
• Three button inputs - seven functions available
• Selectable baud rate
• Automatic code word completion
• Low battery signal transmitted to receiver
• Non-volatile synchronization data
Other
• Easy to use programming interface
• On-chip EEPROM
• On-chip oscillator and timing components
• Button inputs have internal pull-down resistors
• Low external component cost
Typical Applications
The HCS200 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Fixed code replacement
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
DESCRIPTION
The HCS200 from Microchip Technology Inc. is a code
hopping encoder designed primarily for Remote Key-
less Entry (RKE) systems. The device utilizes the
KEELOQ® code hopping technology, incorporating high
security, a small package outline and low cost. The
HCS200 is a perfect replacement of fixed code devices
in unidirectional remote keyless entry systems and
access control systems.
PACKAGE TYPES
BLOCK DIAGRAM
The HCS200 operates over a wide voltage range of
3.5 volts to 13.0 volts and has three button inputs in an
8-pin configuration. This allows the system designer
the freedom to implement up to seven functions. The
only components required for device operation are the
buttons and RF circuitry, allowing a very low
system cost.
1
2
3
4
8
7
6
5
S0
S1
S2
VDD
PWM
VSS
PDIP, SOIC
NC
NC
Vss
VDD
Oscillator
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
PWM
S2 S1 S0
RESET circuit
KEELOQ® Code Hopping Encoder


Similar Part No. - HCS200-I/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200-IP MICROCHIP-HCS200-IP Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS200-ISN MICROCHIP-HCS200-ISN Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
More results

Similar Description - HCS200-I/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
KEELOQ CODE HOPPING ENCODER
1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com