Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87C196CB20 Datasheet(PDF) 13 Page - Intel Corporation

Part # AS87C196CB20
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20 Datasheet(HTML) 13 Page - Intel Corporation

Back Button AS87C196CB20 Datasheet HTML 9Page - Intel Corporation AS87C196CB20 Datasheet HTML 10Page - Intel Corporation AS87C196CB20 Datasheet HTML 11Page - Intel Corporation AS87C196CB20 Datasheet HTML 12Page - Intel Corporation AS87C196CB20 Datasheet HTML 13Page - Intel Corporation AS87C196CB20 Datasheet HTML 14Page - Intel Corporation AS87C196CB20 Datasheet HTML 15Page - Intel Corporation AS87C196CB20 Datasheet HTML 16Page - Intel Corporation AS87C196CB20 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Figure 5. Chip Configuration Registers
CCB (2018H : Byte)
0
1
2
3
4
5
6
7
PD
BW0
WR
ALE
IRC0
IRC1
LOC0
LOC1
=
=
=
=
=
=
=
=
“1” Enables Powerdown
See Table
“1” = WR#/BHE - “0” = WRL#/WRH#
“1” = ALE - “0” = ADV
}See Table
}See Table
CCB1 (201AH : Byte)
0
1
2
3
4
5
6
7
CCR2
IRC2
BW1
WDE
1
0
MEMSEL0
MEMSEL1
=
=
=
=
=
=
=
=
“1” Fetch CCB2
See Table
See Table
“0” = Always Enabled
Reserved Must Be “1”
Reserved Must Be “0”
See Table
See Table
LOC1
LOC0
Function
IRC2
IRC1
IRC0
Max Wait States
0
0
1
1
0
1
0
1
Read and Write Protected
Write Protected Only
Read Protected Only
No Protection
0
1
1
1
1
0
0
0
1
1
0
0
1
0
1
Zero Wait States
1 Wait State
2 Wait States
3 Wait States
INFINITE
MSEL1
MSEL0
“CB” Bus Timing Mode
BW1
BW0
Bus Width
0
0
1
1
0
1
0
1
Mode 0 (1-Wait KR)
Reserved
Reserved
Mode 3 (KR)
0
0
1
1
0
1
0
1
ILLEGAL
16-Bit Only
8-Bit Only
BW Pin Controlled
Mode 0
(1-Wait KR):
Designed to be similar to the 87C196KR bus timing with 1 automatic wait state.
See AC Timings section for actual timings data.
Mode 3 (KR):
Designed to be similar to the 87C196KR bus timing.
See AC Timings section for actual timings data.
CCB2 (201CH : Byte)
0
1
2
3
4
5
6
7
0
MODE16
REMAP
1
1
1
1
1
=
=
=
=
=
=
=
=
Reserved Must Be “0”
Select 16-Bit or 24-Bit Mode
“0”–Select EPROM/CODERAM in Segment 0FFH only
“1”–Select Both Segment 0FFH and Segment 00H
Reserved Must Be “1”
Reserved Must Be “1”
Reserved Must Be “1”
Reserved Must Be “1”
Reserved Must Be “1”
}
Production Datasheet
9
87C196CB - Automotive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com