Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87C196CB20 Datasheet(PDF) 6 Page - Intel Corporation

Part # AS87C196CB20
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20 Datasheet(HTML) 6 Page - Intel Corporation

Back Button AS87C196CB20 Datasheet HTML 2Page - Intel Corporation AS87C196CB20 Datasheet HTML 3Page - Intel Corporation AS87C196CB20 Datasheet HTML 4Page - Intel Corporation AS87C196CB20 Datasheet HTML 5Page - Intel Corporation AS87C196CB20 Datasheet HTML 6Page - Intel Corporation AS87C196CB20 Datasheet HTML 7Page - Intel Corporation AS87C196CB20 Datasheet HTML 8Page - Intel Corporation AS87C196CB20 Datasheet HTML 9Page - Intel Corporation AS87C196CB20 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
87C196CB - Automotive
2
Production Datasheet
2.0
Block Diagram
The MCS 96 microcontroller family members are all high-performance microcontrollers with a
16-bit CPU. The 87C196CB is composed of the high-speed (20 MHz) macrocore with up to
16 Mbyte linear address space, 56 Kbytes of program EPROM, up to 1.5 Kbytes of register RAM,
and up to 512 bytes of code RAM (16-bit addressing modes) with the ability to execute from this
RAM space. It supports the high-speed, serial communications protocol CAN 2.0, with 15 message
objects of 8 bytes data length, an 8-channel, 10-bit / 3 LSB analog to digital converter with
programmable S/H times, and conversion times < 15
µs at 20 MHz. It has an
asynchronous/synchronous serial I/O port (SIO) with a dedicated 16-bit baud rate generator, an
additional synchronous serial I/O port (SSIO) with full duplex master/slave transceivers, a flexible
timer/counter structure with prescaler, cascading, and quadrature capabilities. There are ten
modularized, multiplexed, high-speed I/O for capture and compare (called Event Processor Array)
with 200 ns resolution and double buffered inputs, and a sophisticated prioritized interrupt
structure with programmable Peripheral Transaction Server (PTS) implementing several channel
modes, including single/burst block transfers from any memory location to any memory location, a
PWM and PWM toggle mode to be used in conjunction with the EPA, and an A/D scan mode.
Figure 1. 87C196CB - Automotive Block Diagram
A4606-01
A/D
Converter
Sync
Serial
Port and
Baud Gen
Watchdog
Timer
Event
Processor
Array
ALU
16
CPU
Microcode
Engine
Interrupt
Controller
512 Bytes
Internal RAM
56K On-chip
EPROM
(optional)
Peripheral
Transaction
Server
Memory
Controller
1.5K
Byte
Register
File
S/H
MUX
Port 0
Serial
Port
Baud
Rate
Gen
Port 6
Port 1
Port 2
CAN 2.0
Timer 1
Timer 2
Queue
Port 6
SSIO
A/D
Port 0
Port 1
EPA
Port 2 /
Hold Control
RXCAN
TXCAN
Port 5
Control
Signals
Port 3
AD0-7
Port 4
AD8-15
EPORT
A16-23
VREF
ANGND
16
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com