Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87C196CB20 Datasheet(PDF) 32 Page - Intel Corporation

Part # AS87C196CB20
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20 Datasheet(HTML) 32 Page - Intel Corporation

Back Button AS87C196CB20 Datasheet HTML 28Page - Intel Corporation AS87C196CB20 Datasheet HTML 29Page - Intel Corporation AS87C196CB20 Datasheet HTML 30Page - Intel Corporation AS87C196CB20 Datasheet HTML 31Page - Intel Corporation AS87C196CB20 Datasheet HTML 32Page - Intel Corporation AS87C196CB20 Datasheet HTML 33Page - Intel Corporation AS87C196CB20 Datasheet HTML 34Page - Intel Corporation AS87C196CB20 Datasheet HTML 35Page - Intel Corporation AS87C196CB20 Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Table 19. 10-Bit Mode A/D Characteristics (Using Above Operating Conditions) (1)
Parameter
Typical (2,3)
Min
Max
Units (4)
Notes
Resolution
1024
10
1024
10
Levels
Bits
Absolute Error
0
± 3
LSBs
Full-scale Error
0.25 ± 0.5
LSBs
Zero Offset Error
0.25 ± 0.5
LSBs
Non-Linearity
1 ± 2
± 3
LSBs
Differential Non-Linearity
> – 0.75
+ 0.75
LSBs
Channel-to-Channel Matching
± 0.1
0
± 1
LSBs
Repeatability
± 0.25
0
LSBs
(2)
Temperature Coefficients:
Offset
Fullscale
Differential Non-Linearity
0.009
LSB/C
(2)
Off Isolation
– 60
dB
(2,5,6)
Feedthrough
– 60
dB
(2,5)
V
Power Supply Rejection
– 60
dB
(2,5)
Input Resistance
750
1.2 K
Ω
(8)
DC Input Leakage
± 1
– 3
3
µA
Voltage on Analog Input Pin
ANGND –0.5
VREF + 0.25
V
(7)
Sampling Capacitor
3
pF
NOTES:
1. All conversions performed with processor in IDLE mode.
2. These values are expected for most parts at 25°C but are not tested or guaranteed.
3. These values are not tested in production and are based on theoretical estimates and/or laboratory test.
4. An “LSB”, as used here, has a value of approximately 5 mV
5.DC to 100 KHz
6.Multiplexer Break-Before-Make Guaranteed.
7.Applying voltages beyond these specifications will degrade the accuracy of other channels being converted.
8.Resistance from device pin, through internal MUX, to sample capacitor.
Table 20. 8-Bit Mode A/D Operating Conditions
Symbol
Parameter
Min
Max
Units
T
Ambient Temperature
–40
+125
°C
V
Digital Supply Voltage
4.75
5.25
V
VREF
Analog Supply Voltage
4.75
5.25
V (1)
TSAM
Sample Time
2
µs (2)
TCONV
Conversion Time
12
15
µs (2)
FOSC
Oscillator Frequency
4
20
MHz
NOTES:
1. VREF must be within+0.5 V of VCC.
2.The value of AD_TIME is selected to meet these specifications.
87C196CB - Automotive
28
Production Datasheet
CC
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com