Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDI7100 Datasheet(PDF) 7 Page - Analog Devices

Part # ADDI7100
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADDI7100 Datasheet HTML 3Page - Analog Devices ADDI7100 Datasheet HTML 4Page - Analog Devices ADDI7100 Datasheet HTML 5Page - Analog Devices ADDI7100 Datasheet HTML 6Page - Analog Devices ADDI7100 Datasheet HTML 7Page - Analog Devices ADDI7100 Datasheet HTML 8Page - Analog Devices ADDI7100 Datasheet HTML 9Page - Analog Devices ADDI7100 Datasheet HTML 10Page - Analog Devices ADDI7100 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADDI7100
Rev. C | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 5.
Parameter
Rating
AVDD to AVSS
−0.3 V to +3.9 V
DVDD to DVSS
−0.3 V to +3.9 V
DRVDD to DRVSS
−0.3 V to +3.9 V
Digital Outputs to DRVSS
−0.3 V to DRVDD + 0.3 V
SHP, SHD, DATACLK to DVSS
−0.3 V to DVDD + 0.3 V
CLPOB, PBLK to DVSS
−0.3 V to DVDD + 0.3 V
SCK, SL, SDATA to DVSS
−0.3 V to DVDD + 0.3 V
REFT, REFB, CCDIN to AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature (10 sec)
300°C
θJA is specified for a device with the exposed bottom pad
soldered to the circuit board ground.
Table 6. Thermal Resistance
Package Type
θJA
Unit
32-Lead LFCSP
27.7
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com