Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDI7100 Datasheet(PDF) 18 Page - Analog Devices

Part # ADDI7100
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADDI7100 Datasheet HTML 12Page - Analog Devices ADDI7100 Datasheet HTML 13Page - Analog Devices ADDI7100 Datasheet HTML 14Page - Analog Devices ADDI7100 Datasheet HTML 15Page - Analog Devices ADDI7100 Datasheet HTML 16Page - Analog Devices ADDI7100 Datasheet HTML 17Page - Analog Devices ADDI7100 Datasheet HTML 18Page - Analog Devices ADDI7100 Datasheet HTML 19Page - Analog Devices ADDI7100 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADDI7100
Rev. C | Page 18 of 20
Address
Data
Bits
Default
Value
Update
Type1
Name
Description
0x0D
[0]
0
SCK
VD_POL
0: falling edge triggered
1: rising edge triggered
0x0E
[6:0]
0
SCK
REG_UPDATE
Set the appropriate bits high to enable VD update of the selected registers:
[0]: CDSGAIN (Register 0x02)
[1]: VGAGAIN (Register 0x03)
[2]: CLAMPLEVEL (Register 0x04)
[3]: test use only; must be set to 0
[4]: test use only; must be set to 0
[5]: test use only; must be set to 0
[6]: test use only; must be set to 0
0xFF
[0]
0
SCK
Test
Test use only; do not access
1 SCK = register is immediately updated when the 16th data bit (D15) is written. VD = register is updated at the VD falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com